Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD1086D2M25 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce LD1086D2M25
Description  1.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1086D2M25 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button LD1086D2M25 Datasheet HTML 13Page - STMicroelectronics LD1086D2M25 Datasheet HTML 14Page - STMicroelectronics LD1086D2M25 Datasheet HTML 15Page - STMicroelectronics LD1086D2M25 Datasheet HTML 16Page - STMicroelectronics LD1086D2M25 Datasheet HTML 17Page - STMicroelectronics LD1086D2M25 Datasheet HTML 18Page - STMicroelectronics LD1086D2M25 Datasheet HTML 19Page - STMicroelectronics LD1086D2M25 Datasheet HTML 20Page - STMicroelectronics LD1086D2M25 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
LD1086 SERIES
20/21
Table 15: Revision History
Date
Revision
Description of Changes
25-Aug-2004
11
Mistake Vo (typ.), table 9 - pag. 6.
07-Oct-2004
12
Mistake Order Codes - Table 1.
08-Feb-2005
13
Mistake U.M. Load Regulation - V ==> mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21