Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C8051F360 Fiches technique(PDF) 92 Page - Silicon Laboratories

No de pièce C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Fiches technique(HTML) 92 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 88Page - Silicon Laboratories C8051F360 Datasheet HTML 89Page - Silicon Laboratories C8051F360 Datasheet HTML 90Page - Silicon Laboratories C8051F360 Datasheet HTML 91Page - Silicon Laboratories C8051F360 Datasheet HTML 92Page - Silicon Laboratories C8051F360 Datasheet HTML 93Page - Silicon Laboratories C8051F360 Datasheet HTML 94Page - Silicon Laboratories C8051F360 Datasheet HTML 95Page - Silicon Laboratories C8051F360 Datasheet HTML 96Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 289 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
Rev. 1.1
92
On exit from the PCA interrupt service routine, the CIP-51 will return to the ADC0 Window Comparator
ISR. On execution of the RETI instruction, SFR Page 0x00 used to access the PCA registers will be auto-
matically popped off of the SFR Page Stack, and the contents of the SFRNEXT register will be moved to
the SFRPAGE register. Software in the ADC0 ISR can continue to access SFR’s as it did prior to the PCA
interrupt. Likewise, the contents of SFRLAST are moved to the SFRNEXT register. Recall this was the
SFR Page value 0x0F being used to access OSCICN before the ADC0 interrupt occurred. See Figure 9.7
below.
Figure 9.7. SFR Page Stack Upon Return From PCA Interrupt
0x00
(ADC0)
0x0F
(OSCICN)
SFRPAGE
SFRLAST
SFRNEXT
SFR Page 0x00
Automatically
popped off of the
stack on return from
interrupt
SFRNEXT
popped to
SFRPAGE
SFRLAST
popped to
SFRNEXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More