Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LXK2-PR14-R00 Fiches technique(PDF) 15 Page - Lumileds Lighting Company

No de pièce LXK2-PR14-R00
Description  the most robust and powerful LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUMILEDS [Lumileds Lighting Company]
Site Internet  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK2-PR14-R00 Fiches technique(HTML) 15 Page - Lumileds Lighting Company

Back Button LXK2-PR14-R00 Datasheet HTML 11Page - Lumileds Lighting Company LXK2-PR14-R00 Datasheet HTML 12Page - Lumileds Lighting Company LXK2-PR14-R00 Datasheet HTML 13Page - Lumileds Lighting Company LXK2-PR14-R00 Datasheet HTML 14Page - Lumileds Lighting Company LXK2-PR14-R00 Datasheet HTML 15Page - Lumileds Lighting Company LXK2-PR14-R00 Datasheet HTML 16Page - Lumileds Lighting Company LXK2-PR14-R00 Datasheet HTML 17Page - Lumileds Lighting Company LXK2-PR14-R00 Datasheet HTML 18Page - Lumileds Lighting Company LXK2-PR14-R00 Datasheet HTML 19Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
LUXEON K2 Datasheet DS51 (7/07)
15
Mechanical Dimensions—2Lead Gullwing Form
[8]
Notes for Figure 5:
1.
The anode side of the device is denoted by the chamfer on the part body. Electrical insulation between the case and the board
is required—slug of the device is not electrically neutral. Do not electrically connect either the anode or cathode to the slug.
2.
Do not handle the device by the lens except as described in Philips Lumileds document AB29—care must be taken to
avoid damage to the lens or the interior of the device that can be damaged by excessive force to the lens.
3.
Drawings not to scale.
4.
All dimensions are in millimeters.
5.
All dimensions without tolerances are for reference only.
6.
Recommended solder paste thickness of 0.15mm.
7.
Available as a custom part number, contact your local Future Lumileds representative for more information.
8.
The 2Lead Gullwing part is not recommended for use in solder reflow systems. Mount these parts with a thermal
adhesive and hot bar soldering. For conventional reflow surfacemounting, use 4Lead Gullwing Form.
Figure 5. 2Lead Gullwing Package Outline Drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41