Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY7C09279V Fiches technique(PDF) 2 Page - Cypress Semiconductor

No de pièce CY7C09279V
Description  3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09279V Fiches technique(HTML) 2 Page - Cypress Semiconductor

  CY7C09279V Datasheet HTML 1Page - Cypress Semiconductor CY7C09279V Datasheet HTML 2Page - Cypress Semiconductor CY7C09279V Datasheet HTML 3Page - Cypress Semiconductor CY7C09279V Datasheet HTML 4Page - Cypress Semiconductor CY7C09279V Datasheet HTML 5Page - Cypress Semiconductor CY7C09279V Datasheet HTML 6Page - Cypress Semiconductor CY7C09279V Datasheet HTML 7Page - Cypress Semiconductor CY7C09279V Datasheet HTML 8Page - Cypress Semiconductor CY7C09279V Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
CY7C09269V/79V/89V
CY7C09369V/79V/89V
Document #: 38-06056 Rev. *B
Page 2 of 19
Functional Description
The CY7C09269V/79V/89V and CY7C09369V/79V/89V are
high-speed 3.3V synchronous CMOS 16K, 32K, and 64K x
16/18 dual-port static RAMs. Two ports are provided,
permitting independent, simultaneous access for reads and
writes to any location in memory.[6] Registers on control,
address, and data lines allow for minimal set-up and hold
times. In pipelined output mode, data is registered for
decreased cycle time. Clock to data valid tCD2 = 6.5 ns[1, 2]
(pipelined). Flow-through mode can also be used to bypass
the pipelined output register to eliminate access latency. In
flow-through mode data will be available tCD1 = 18 ns after the
address is clocked into the device. Pipelined output or
flow-through mode is selected via the FT/Pipe pin.
Each port contains a burst counter on the input address
register. The internal write pulse width is independent of the
LOW to HIGH transition of the clock signal. The internal write
pulse is self-timed to allow the shortest possible cycle times.
A HIGH on CE0 or LOW on CE1 for one clock cycle will power
down the internal circuitry to reduce the static power
consumption. The use of multiple Chip Enables allows easier
banking of multiple chips for depth expansion configurations.
In the pipelined mode, one cycle is required with CE0 LOW and
CE1 HIGH to reactivate the outputs.
Counter enable inputs are provided to stall the operation of the
address input and utilize the internal address generated by the
internal counter for fast interleaved memory applications. A
port’s burst counter is loaded with the port’s Address Strobe
(ADS). When the port’s Count Enable (CNTEN) is asserted,
the address counter will increment on each LOW to HIGH
transition of that port’s clock signal. This will read/write one
word from/into each successive address location until CNTEN
is deasserted. The counter can address the entire memory
array and will loop back to the start. Counter Reset (CNTRST)
is used to reset the burst counter.
All parts are available in 100-pin Thin Quad Plastic Flatpack
(TQFP) packages.
Pin Configurations
Notes:
6. When writing simultaneously to the same location, the final value cannot be guaranteed.
7. This pin is NC for CY7C09269V.
8. This pin is NC for CY7C09269V and CY7C09279V.
9. For CY7C09269V and CY7C09279V, pin #18 connected to VCC is pin compatible to an IDT 5V x16 pipelined device; connecting pin #18 and #58 to GND is pin
compatible to an IDT 5V x16 flow-through device.
1
3
2
92 91 90
84
85
87 86
88
89
83 82 81
76
78 77
79
80
93
94
95
96
97
98
99
100
59
60
61
67
66
64
65
63
62
68
69
70
75
73
74
72
71
A9R
A10R
A11R
A12R
A13R
A14R
UBR
NC
LBR
CE1R
CNTRSTR
OER
FT/PIPER
NC
A15R
GND
R/WR
GND
I/O15R
I/O14R
I/O13R
I/O12R
I/O11R
I/O10R
CE0R
58
57
56
55
54
53
52
51
CY7C09279V (32K x 16)
CY7C09269V (16K x 16)
A9L
A10L
A11L
A12L
A13L
A14L
UBL
NC
LBL
CE1L
CNTRSTL
OEL
FT/PIPEL
NC
A15L
VCC
R/WL
GND
I/O15L
I/O14L
I/O13L
I/O12L
I/O11L
I/O10L
CE0L
17
16
15
9
10
12
11
13
14
8
7
6
4
5
18
19
20
21
22
23
24
25
34 35 36
42
41
39 40
38
37
43 44 45
50
48 49
47
46
33
32
31
30
29
28
27
26
CY7C09289V (64K x 16)
100-Pin TQFP (Top View)
[7]
[8]
[9]
[9]
[7]
[8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19