| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F427AI Fiches technique(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427AI Fiches technique(HTML) 66 Page - STMicroelectronics |
|
66 / 240 page ![]() Pinouts and pin description STM32F427xx STM32F429xx 66/240 DS9405 Rev 12 72 105 E12 A15 124 D3 147 A15 PA13 (JTMS- SWDIO) I/O FT - JTMS-SWDIO, EVENTOUT - 73 106 D12 F13 125 D1 148 E11 VCAP_2 S- - - 74 107 J10 F12 126 D2 149 F10 VSS S- - - 75 108 H4 G13 127 C1 150 F11 VDD S- - - - - D13 E12 128 - 151 E12 PH13 I/O FT - TIM8_CH1N, CAN1_TX, FMC_D21, LCD_G2, EVENTOUT - - - C13 E13 129 - 152 E13 PH14 I/O FT - TIM8_CH2N, FMC_D22, DCMI_D4, LCD_G3, EVENTOUT - - - C12 D13 130 - 153 D13 PH15 I/O FT - TIM8_CH3N, FMC_D23, DCMI_D11, LCD_G4, EVENTOUT - - - B13 E14 131 - 154 E14 PI0 I/O FT - TIM5_CH4, SPI2_NSS/I2S2_WS(8), FMC_D24, DCMI_D13, LCD_G5, EVENTOUT - - - C11 D14 132 - 155 D14 PI1 I/O FT - SPI2_SCK/I2S2_CK(8), FMC_D25, DCMI_D8, LCD_G6, EVENTOUT - - - B12 C14 133 - 156 C14 PI2 I/O FT - TIM8_CH4, SPI2_MISO, I2S2ext_SD, FMC_D26, DCMI_D9, LCD_G7, EVENTOUT - - - A12 C13 134 - 157 C13 PI3 I/O FT - TIM8_ETR, SPI2_MOSI/I2S2_SD, FMC_D27, DCMI_D10, EVENTOUT - -- D11 D9 135 F5 - F9 VSS S- - - - - D3 C9 136 A1 158 E10 VDD S- - - Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |