| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F427IG Fiches technique(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427IG Fiches technique(HTML) 65 Page - STMicroelectronics |
|
65 / 240 page ![]() DS9405 Rev 12 65/240 STM32F427xx STM32F429xx Pinouts and pin description 85 64 97 F10 G15 116 F3 139 G15 PC7 I/O FT - TIM3_CH2, TIM8_CH2, I2S3_MCK, USART6_RX, SDIO_D7, DCMI_D1, LCD_G6, EVENTOUT - 65 98 F11 G14 117 E4 140 G14 PC8 I/O FT - TIM3_CH3, TIM8_CH3, USART6_CK, SDIO_D0, DCMI_D2, EVENTOUT - 66 99 F12 F14 118 E3 141 F14 PC9 I/O FT - MCO2, TIM3_CH4, TIM8_CH4, I2C3_SDA, I2S_CKIN, SDIO_D1, DCMI_D3, EVENTOUT - 67 100 E13 F15 119 F1 142 F15 PA8 I/O FT - MCO1, TIM1_CH1, I2C3_SCL, USART1_CK, OTG_FS_SOF, LCD_R6, EVENTOUT - 68 101 E8 E15 120 E2 143 E15 PA9 I/O FT - TIM1_CH2, I2C3_SMBA, USART1_TX, DCMI_D0, EVENTOUT OTG_FS_ VBUS 69 102 E9 D15 121 D5 144 D15 PA10 I/O FT - TIM1_CH3, USART1_RX, OTG_FS_ID, DCMI_D1, EVENTOUT - 70 103 E10 C15 122 D4 145 C15 PA11 I/O FT - TIM1_CH4, USART1_CTS, CAN1_RX, LCD_R4, OTG_FS_DM, EVENTOUT - 71 104 E11 B15 123 E1 146 B15 PA12 I/O FT - TIM1_ETR, USART1_RTS, CAN1_TX, LCD_R5, OTG_FS_DP, EVENTOUT - Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |