| Moteur de recherche de fiches techniques de composants électroniques |
|
LCP3121 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LCP3121 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 6 page ![]() LCP3121 5/6 Application 1: Common protection for SLIC without integrated ring generator SLIC LCP3121 4*SMBYW01-200 -Vbat TIP RING SLIC 4*SMBYW01-200 -Vbat TIP RING -Vbat Gn C A APPLICATION EXAMPLES Application 2: Common protection for SLIC with integrated ring generator LCP3121 4*SMBYW01-200 TIP RING -Vbat Gn C A -Vbat +Vbat LCP3121 +Vbat Gp C A SLIC L3000N 4*SMBYW01-200 TIP RING -Vbat +Vbat SLIC L3000N Application 3: Typical SLIC protection 4*SMBYW01-200 -Vbat -Vbat SLIC A Gn LCP3121 C TIP RING Application 4: Protection programmed by current for any application LCP3121 A C Gn Protected Circuit + - Ra I= I + T G V G Ra IT CURRENT TOLERANCE Ra Ω (+/-5%) IT mA min IT mA max 4.7 5.6 6.8 8.2 10 12 202 182 164 150 137 128 603 538 479 431 388 358 |