Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74HC173M96 Fiches technique(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD74HC173M96
Description  High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74HC173M96 Fiches technique(HTML) 13 Page - Texas Instruments

Back Button CD74HC173M96 Datasheet HTML 9Page - Texas Instruments CD74HC173M96 Datasheet HTML 10Page - Texas Instruments CD74HC173M96 Datasheet HTML 11Page - Texas Instruments CD74HC173M96 Datasheet HTML 12Page - Texas Instruments CD74HC173M96 Datasheet HTML 13Page - Texas Instruments CD74HC173M96 Datasheet HTML 14Page - Texas Instruments CD74HC173M96 Datasheet HTML 15Page - Texas Instruments CD74HC173M96 Datasheet HTML 16Page - Texas Instruments CD74HC173M96 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
CD74HC173M96
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
CD74HC173NSR
SO
NS
16
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
CD74HC173PWR
TSSOP
PW
16
2000
330.0
12.4
7.0
5.6
1.6
8.0
12.0
Q1
CD74HCT173M96
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
19-Mar-2008
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20