Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74HC173M Fiches technique(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD74HC173M
Description  High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74HC173M Fiches technique(HTML) 14 Page - Texas Instruments

Back Button CD74HC173M Datasheet HTML 10Page - Texas Instruments CD74HC173M Datasheet HTML 11Page - Texas Instruments CD74HC173M Datasheet HTML 12Page - Texas Instruments CD74HC173M Datasheet HTML 13Page - Texas Instruments CD74HC173M Datasheet HTML 14Page - Texas Instruments CD74HC173M Datasheet HTML 15Page - Texas Instruments CD74HC173M Datasheet HTML 16Page - Texas Instruments CD74HC173M Datasheet HTML 17Page - Texas Instruments CD74HC173M Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
CD74HC173M96
SOIC
D
16
2500
333.2
345.9
28.6
CD74HC173NSR
SO
NS
16
2000
346.0
346.0
33.0
CD74HC173PWR
TSSOP
PW
16
2000
346.0
346.0
29.0
CD74HCT173M96
SOIC
D
16
2500
333.2
345.9
28.6
PACKAGE MATERIALS INFORMATION
www.ti.com
19-Mar-2008
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20