| Moteur de recherche de fiches techniques de composants électroniques |
|
LCP150S Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LCP150S Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 6 page ![]() Typical SLIC Protection Concept. APPLICATION CIRCUIT RING RELAY RING GENERATOR PTC PTC LINE A LINE B THBT200S LCP150S -V BAT SLIC T E S T R E L A Y 220 nF S FUNCTIONAL DESCRIPTION LINE A PROTECTION: - For positive surges versus GND, the diode D1 will conduct. - For negative surges versus GND, the protec- tion device P1 will trigger at a voltage fixed by the -VBAT reference. LINE B PROTECTION: - For surges on Line B, the operating mode is the same , D2 or P2 is activated. A capacitor (C = 220nF) can be added close to the gate of the LCP15xx, in order to speed up the triggering. ® LCP150S 5/6 |