Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DBS36/50 Fiches technique(PDF) 7 Page - SICK AG

No de pièce DBS36/50
Description  INCREMENTAL ENCODERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

DBS36/50 Fiches technique(HTML) 7 Page - SICK AG

  DBS36/50 Datasheet HTML 1Page - SICK AG DBS36/50 Datasheet HTML 2Page - SICK AG DBS36/50 Datasheet HTML 3Page - SICK AG DBS36/50 Datasheet HTML 4Page - SICK AG DBS36/50 Datasheet HTML 5Page - SICK AG DBS36/50 Datasheet HTML 6Page - SICK AG DBS36/50 Datasheet HTML 7Page - SICK AG DBS36/50 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DBS36E-BBCJ01024 | DBS36/50
INCREMENTAL ENCODERS
Brief description
Type
Part no.
Head A: cable
Head B: Flying leads
Cable: SSI, TTL, HTL, Incremental, PUR, halogen-free, shielded
LTG-2612-MW
6028516
Head A: male connector, M12, 8-pin, straight, A-coded
Cable: Incremental, shielded
STE-1208-GA01
6044892
STE-2312-G01
2077273
Head A: male connector, M23, 12-pin, straight
Cable: HIPERFACE®, SSI, Incremental, shielded
STE-2312-GX
6028548
2023-11-20 18:53:39 | Product data sheet
Subject to change without notice
INCREMENTAL ENCODERS | SICK
7



Html Pages

1 2 3 4 5 6 7 8