Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AOZ1018AI Fiches technique(PDF) 2 Page - Alpha & Omega Semiconductors

No de pièce AOZ1018AI
Description  EZBuck??2A Simple Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AOSMD [Alpha & Omega Semiconductors]
Site Internet  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1018AI Fiches technique(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1018AI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1018AI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1018AI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1018AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1018AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1018AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1018AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1018AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1018AI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AOZ1018
Rev. 1.0 November 2006
www.aosmd.com
Page 2 of 14
Ordering Information
All AOS Products are offered in packaging with Pb-free plating and compliant to RoHS standards. Please visit
wwww.aosmd.com/web/rohs_compliant.jsp for additional information.
Pin Configuration
Pin Description
Block Diagram
Part Number
Ambient Temperature Range
Package
Environmental
AOZ1018AI
-40°C to +85°C
SO-8
RoHS
Pin Number
Pin Name
Pin Function
1NC
Not connected.
2
VIN
Supply voltage input. When VIN rises above the UVLO threshold the device starts up.
3AGND
Reference connection for controller section. Also used as thermal connection for controller
section. Electrically needs to be connected to PGND.
4FB
The FB pin is used to determine the output voltage via a resistor divider between the output and
GND.
5
COMP
External loop compensation pin.
6EN
The enable pin is active high. Connect EN pin to VIN if not used. Do not leave the EN pin floating.
7LX
PWM output connection to inductor. Thermal connection for output stage.
8
PGND
Power ground. Electrically needs to be connected to AGND.
PGND
LX
EN
COMP
1
2
3
4
NC
VIN
AGND
FB
SO-8
(Top View)
8
7
6
5
500kHz
Oscillator
AGND
PGND
VIN
EN
FB
COMP
LX
OTP
Internal
+5V
ILimit
PWM
Control
Logic
5V LDO
Regulator
UVLO
& POR
Softstart
Reference
& Bias
0.8V
Q1
PWM
Comp
Level
Shifter
+
FET
Driver
ISen
EAmp
+
–
+
–
+
–
+
RoHS
Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com