Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9947 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce L9947
Description  QUAD HALF-BRIDGE AND SINGLE HIGH-SIDE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9947 Fiches technique(HTML) 5 Page - STMicroelectronics

  L9947 Datasheet HTML 1Page - STMicroelectronics L9947 Datasheet HTML 2Page - STMicroelectronics L9947 Datasheet HTML 3Page - STMicroelectronics L9947 Datasheet HTML 4Page - STMicroelectronics L9947 Datasheet HTML 5Page - STMicroelectronics L9947 Datasheet HTML 6Page - STMicroelectronics L9947 Datasheet HTML 7Page - STMicroelectronics L9947 Datasheet HTML 8Page - STMicroelectronics L9947 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FUNCTIONAL DESCRIPTION
The L9947 is a power interface circuit designed
for a multiplex system controlled by a parallel
µC
bus. The bus consists of four bidirectional data
wires D0 - D3 and three control wires read/write
(R/WN), mode (MODE) and chip select (CSN).
The device needs two supply voltages. The first
voltage supplies the half bridges, high side driver
and its driving part. The second one is a 5V stabi-
lized supply. The function of the device in the typi-
cal operating modes is described in the following
tables.
APPLICATION CIRCUIT DIAGRAM
Fogure 1: Recommended Application Circuit.
L9947
5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13