Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GD32H757VGJ6 Fiches technique(PDF) 21 Page - GigaDevice Semiconductor (Beijing) Inc.

No de pièce GD32H757VGJ6
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Site Internet  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VGJ6 Fiches technique(HTML) 21 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VGJ6 Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 151 page
background image
GD32H757xx Datasheet
20
Pre-defined
Regions
Bus
Address
Peripherals
0x4001 1C00 - 0x4001 1FFF
Reserved
0x4001 1800 - 0x4001 1BFF
Reserved
0x4001 1400 - 0x4001 17FF
USART5
0x4001 1000 - 0x4001 13FF
USART0
0x4001 0C00 - 0x4001 0FFF
Reserved
0x4001 0800 - 0x4001 0BFF
Reserved
0x4001 0400 - 0x4001 07FF
TIMER7
0x4001 0000 - 0x4001 03FF
TIMER0
APB1
0x4000 F800 - 0x4000 FFFF
Reserved
0x4000 F400 - 0x4000 F7FF
TIMER51
0x4000 F000 - 0x4000 F3FF
TIMER50
0x4000 EC00 - 0x4000 EFFF
TIMER31
0x4000 E800 - 0x4000 EBFF
TIMER30
0x4000 E400 - 0x4000 E7FF
TIMER23
0x4000 E000 - 0x4000 E3FF
TIMER22
0x4000 DC00 - 0x4000 DFFF
Reserved
0x4000 D800 - 0x4000 DBFF
Reserved
0x4000 D400 - 0x4000 D7FF
Reserved
0x4000 D000 - 0x4000 D3FF
Reserved
0x4000 CC00 - 0x4000 CFFF
Reserved
0x4000 C800 - 0x4000 CBFF
Reserved
0x4000 C400 - 0x4000 C7FF
Reserved
0x4000 C000 - 0x4000 C3FF
I2C2
0x4000 9800 - 0x4000 BFFF
Reserved
0x4000 9400 - 0x4000 97FF
MDIO
0x4000 8800 - 0x4000 93FF
Reserved
0x4000 8400 - 0x4000 87FF
CTC
0x4000 8000 - 0x4000 83FF
Reserved
0x4000 7C00 - 0x4000 7FFF
UART7
0x4000 7800 - 0x4000 7BFF
UART6
0x4000 7400 - 0x4000 77FF
DAC0/DAC1
0x4000 7000 - 0x4000 73FF
Reserved
0x4000 6C00 - 0x4000 6FFF
Reserved
0x4000 6800 - 0x4000 6BFF
Reserved
0x4000 6400 - 0x4000 67FF
Reserved
0x4000 6000 - 0x4000 63FF
Reserved
0x4000 5C00 - 0x4000 5FFF
I2C3
0x4000 5800 - 0x4000 5BFF
I2C1
0x4000 5400 - 0x4000 57FF
I2C0
0x4000 5000 - 0x4000 53FF
UART4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More