| Moteur de recherche de fiches techniques de composants électroniques |
|
S02-06-R Fiches technique(PDF) 6 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
S02-06-R Fiches technique(HTML) 6 Page - TE Connectivity Ltd |
|
6 / 6 page ![]() 8 8-49 Catalog 1654025 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 12-04 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Japan: 81-44-900-5102 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Singapore: 65-4866-151 www.tycoelectronics.com are U.S. equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-1793-528171 Shield Termination SolderSleeve Shield Terminators (Continued) Table H. NAS, M83519, and Raychem Cross-Reference NAS Raychem D Series NAS Part No. Part No. Comment 1744-1 D-1744-01 1744-2 D-1744-02 1744-3 D-1744-03 1744-4 D-1744-04 1744-5 D-1744-05 1744-6 D-1744-06 1744-7 D-1744-07 1744-8 D-1744-08 1745-1 D-144-25 Inactive, Use SAE-AS83519/1-1 (formerly MIL-S-83519) 1745-2 D-100-00 Inactive, Use SAE-AS83519/1-2 (formerly MIL-S-83519) 1745-3 D-101-00 Inactive, Use SAE-AS83519/1-3 (formerly MIL-S-83519) 1745-4 D-103-00 Inactive, Use SAE-AS83519/1-5 (formerly MIL-S-83519) 1745-5 D-144-26 1745-6 D-100-31 1745-7 D-101-31 1745-8 D-103-31 1745-9 Obsolete - Use NAS1745-13 1745-10 Obsolete - Use NAS1745-14 1745-11 Obsolete - Use NAS1745-15 1745-12 Obsolete - Use NAS1745-16 1745-13 D-142-83 Inactive, Use SAE-AS83519/1-1 (formerly MIL-S-83519) 1745-14 D-142-50 Inactive, Use SAE-AS83519/1-2(formerly MIL-S-83519) 1745-15 D-142-51 Inactive, Use SAE-AS83519/1-3 (formerly MIL-S-83519) 1745-16 D-142-52 Inactive, Use SAE-AS83519/1-5 (formerly MIL-S-83519) 1745-17 D-107-00 Inactive, Use SAE-AS83519/1-4 (formerly MIL-S-83519) 1745-18 D-104-00 1745-19 D-105-00 1745-20 D-107-31 1745-21 D-104-31 1745-22 D-105-31 1745-23 D-142-56 Inactive, Use SAE-AS83519/1-4 (formerly MIL-S-83519) 1745-24 D-142-65 1745-25 D-142-66 1746-1 D-144-25 Inactive, Use SAE-AS83519/1-1 (formerly MIL-S-83519) 1746-2 D-144-00 Inactive, Use SAE-AS83519/1-2 (formerly MIL-S-83519) 1746-3 D-144-01 Inactive, Use SAE-AS83519/1-3 (formerly MIL-S-83519) 1746-4 D-144-02 Inactive, Use SAE-AS83519/1-5 (formerly MIL-S-83519) 1746-5 D-144-26 1746-6 D-144-03 1746-7 D-144-04 1746-8 D-144-05 1746-9 D-144-46 Inactive, Use SAE-AS83519/1-4 (formerly MIL-S-83519) 1746-10 D-144-37 Military Raychem S01/S02 Series* Raychem SO63 Series** Part No. Part No. Part No. M83519/1-1 S01-01-R SO63-1-00 M83519/1-2 S01-02-R SO63-2-00 M83519/1-3 S01-03-R SO63-3-00 M83519/1-4 S01-04-R SO63-4-00 M83519/1-5 S01-05-R SO63-5-00 M83519/2-1 S02-01-R SO63-1-55-20-90 M83519/2-2 S02-02-R SO63-2-55-20-90 M83519/2-3 S02-03-R SO63-3-55-20-90 M83519/2-4 S02-04-R SO63-4-55-20-90 M83519/2-5 S02-05-R SO63-5-55-20-90 M83519/2-6 S02-06-R SO63-1-55-22-90 M83519/2-7 S02-07-R SO63-2-55-22-90 M83519/2-8 S02-08-R SO63-3-55-22-90 M83519/2-9 S02-09-R SO63-4-55-22-90 M83519/2-10 S02-10-R SO63-5-55-22-90 M83519/2-11 S02-11-R SO63-1-55-24-90 M83519/2-12 S02-12-R SO63-2-55-24-90 M83519/2-13 S02-13-R SO63-3-55-24-90 M83519/2-14 S02-14-R SO63-4-55-24-90 M83519/2-15 S02-15-R SO63-5-55-24-90 M83519/2-16 S02-16-R SO63-1-55-26-90 M83519/2-17 S02-17-R SO63-2-55-26-90 M83519/2-18 S02-18-R SO63-3-55-26-90 M83519/2-19 S02-19-R SO63-4-55-26-90 M83519/2-20 S02-20-R SO63-5-55-26-90 * QPL listed to SAE-AS83519 (formerly MIL-S-83519) ** Meets performance requirements of SAE-AS83519 (formerly MIL-S-83519) |