Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX88179A Fiches technique(PDF) 12 Page - ASIX Electronics Corporation

No de pièce AX88179A
Description  USB 3.2 Gen1 to Gigabit Ethernet Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASIX [ASIX Electronics Corporation]
Site Internet  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88179A Fiches technique(HTML) 12 Page - ASIX Electronics Corporation

Back Button AX88179A Datasheet HTML 8Page - ASIX Electronics Corporation AX88179A Datasheet HTML 9Page - ASIX Electronics Corporation AX88179A Datasheet HTML 10Page - ASIX Electronics Corporation AX88179A Datasheet HTML 11Page - ASIX Electronics Corporation AX88179A Datasheet HTML 12Page - ASIX Electronics Corporation AX88179A Datasheet HTML 13Page - ASIX Electronics Corporation AX88179A Datasheet HTML 14Page - ASIX Electronics Corporation AX88179A Datasheet HTML 15Page - ASIX Electronics Corporation AX88179A Datasheet HTML 16Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
AX88179A
USB 3.2 Gen1 to Gigabit Ethernet Controller
Copyright © 2020-2021 ASIX Electronics Corporation. All rights reserved.
3 SPI/eFuse Memory
SPI/eFuse Memory
AX88179A supports integrated eFuse and external SPI flash for MAC address, USB descriptor and several user
specified information. These non-violated memory supports advance data architecture for multiple times
programming.
4 USB Configuration Structure
USB Configuration
The AX88179A supports 2 USB Configuration, 1 for AX88179A proprietary driver, 1 for CDC-ECM/NCM
USB Interface
The AX88179A supports 1 interface.
USB Endpoints
The AX88179A supports following 4 endpoints:
Endpoint 0: Control endpoint. It is used for configuring the device. Please refer to the USB Standard
Commands and USB Vendor Commands sections.
Endpoint 1: Interrupt endpoint. It is used for reporting network Link status. Please refer to the Interrupt
Endpoint section.
Endpoint 2: Bulk IN endpoint. It is used for receiving Ethernet Packet.
Endpoint 3: Bulk OUT endpoint. It is used for transmitting Ethernet Packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22