Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7915CV Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce 7915CV
Description  NEGATIVE VOLTAGE REGULATORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7915CV Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button 7915CV Datasheet HTML 5Page - STMicroelectronics 7915CV Datasheet HTML 6Page - STMicroelectronics 7915CV Datasheet HTML 7Page - STMicroelectronics 7915CV Datasheet HTML 8Page - STMicroelectronics 7915CV Datasheet HTML 9Page - STMicroelectronics 7915CV Datasheet HTML 10Page - STMicroelectronics 7915CV Datasheet HTML 11Page - STMicroelectronics 7915CV Datasheet HTML 12Page - STMicroelectronics 7915CV Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.8
0.189
C
1.37
0.054
D
2.4
2.8
0.094
0.110
D1
1.2
1.35
0.047
0.053
E
0.35
0.55
0.014
0.022
F
0.61
0.94
0.024
0.037
F2
1.15
1.4
0.045
0.055
G
4.95
5.08
5.21
0.195
0.200
0.205
H2
10.4
0.409
H3
10.05
10.4
0.396
0.409
L2
16.2
0.638
L3
26.3
26.7
27.1
1.035
1.051
1.067
L5
2.6
3
0.102
0.118
L6
15.1
15.8
0.594
0.622
L7
6
6.6
0.236
0.260
Dia.
3.65
3.85
0.144
0.152
P011D
TO-220 MECHANICAL DATA
L7900
10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13