Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2425753 Fiches technique(PDF) 8 Page - TE Connectivity Ltd

No de pièce 2425753
Description  ALCOSWITCH SEALED TACTILE SWITCHES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2425753 Fiches technique(HTML) 8 Page - TE Connectivity Ltd

  2425753 Datasheet HTML 1Page - TE Connectivity Ltd 2425753 Datasheet HTML 2Page - TE Connectivity Ltd 2425753 Datasheet HTML 3Page - TE Connectivity Ltd 2425753 Datasheet HTML 4Page - TE Connectivity Ltd 2425753 Datasheet HTML 5Page - TE Connectivity Ltd 2425753 Datasheet HTML 6Page - TE Connectivity Ltd 2425753 Datasheet HTML 7Page - TE Connectivity Ltd 2425753 Datasheet HTML 8Page - TE Connectivity Ltd 2425753 Datasheet HTML 9Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
PRECISION TECHNOLOGY SOLUTIONS / ALCOSWITCH SEALED TACTILE SWITCHES
Alcoswitch Sealed Tactile Switches
ORDERING INFORMATION
Part Number
FSM
_
_
_
_
_
Actuator Length mm
2
4.3
3
5.0
4
7.0
5
8.5
6
9.5
Version
JS6
Sealed version 6 x 6
Actuator Force
Blank
160 gf
A
260 gf
B
320 gf
Packaging Style
Blank
Bulk
TR
Tape/Reel
Mounting Style
SM
Surface Mount
TH
Through Hole
TACTILE SWITCH : SEALED VERSION 6 X 6
TE Smart Part Number
Description
Packaging Type
Lifecycle (cycles)
TCPN
FSM2JS6SM
6.0 x 6.0 x 5.0, 160gf, IP67, Tact
Tape & Reel
1,000,000
1977265-1
FSM2JS6SMTR
6.0 x 6.0 x 5.0, 160gf, IP67, Tact
Tape & Reel
1,000,000
1977265-2
FSM3JS6ASMTR
6.0 x 6.0 x 5.0, 260gf, IP67, Tact
Tape & Reel
1,000,000
1977265-3
FSM5JS6SMTR
6.0 x 6.0 x 8.5, 160gf, IP67, Tact
Tape & Reel
1,000,000
1977265-4
FSM4JS6SMTR
6.0 x 6.0 x 7.0, 160gf, IP67, Tact
Tape & Reel
1,000,000
1977265-5
FSM2JS6SMTR
6.0 x 6.0 x 4.3, 160gf, IP67, Tact
Tape & Reel
1,000,000
1977265-6
FSM2JS6ASMTR
6.0 x 6.0 x 4.3, 260gf, IP67, Tact
Tape & Reel
1,000,000
1977265-7
FSM6JS6BSMTR
6.0 x 6.0 x 9.5, 320gf, IP67, Tact
Tape & Reel
350,000
1977265-8
FSM6JS6SMTR
6.0 x 6.0 x 9.5,160gf, IP67, Tact
Tape & Reel
1,000,000
1977265-9
PRODUCT INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9