Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSM5JS6SMTR Fiches technique(PDF) 7 Page - TE Connectivity Ltd

No de pièce FSM5JS6SMTR
Description  ALCOSWITCH SEALED TACTILE SWITCHES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FSM5JS6SMTR Fiches technique(HTML) 7 Page - TE Connectivity Ltd

  FSM5JS6SMTR Datasheet HTML 1Page - TE Connectivity Ltd FSM5JS6SMTR Datasheet HTML 2Page - TE Connectivity Ltd FSM5JS6SMTR Datasheet HTML 3Page - TE Connectivity Ltd FSM5JS6SMTR Datasheet HTML 4Page - TE Connectivity Ltd FSM5JS6SMTR Datasheet HTML 5Page - TE Connectivity Ltd FSM5JS6SMTR Datasheet HTML 6Page - TE Connectivity Ltd FSM5JS6SMTR Datasheet HTML 7Page - TE Connectivity Ltd FSM5JS6SMTR Datasheet HTML 8Page - TE Connectivity Ltd FSM5JS6SMTR Datasheet HTML 9Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
PRECISION TECHNOLOGY SOLUTIONS / ALCOSWITCH SEALED TACTILE SWITCHES
Alcoswitch Sealed Tactile Switches
TE Smart Part Number
Description
Packaging Type
Lifecycle (cycles)
TCPN
STS26A16WSMTR
6.2 x 6.2 x 2.6, 160gf, IP67, Tact
Tape & Reel
100,000
2506465-1
STS26A26RSMTR
6.2 x 6.2 x 2.6, 260gf, IP67, Tact
Tape & Reel
100,000
2506465-2
STS26A50YSMTR
6.2 x 6.2 x 2.6, 500gf, IP67, Tact
Tape & Reel
100,000
2506465-3
STS26A26RJT
6.2 x 6.2 x 2.6, 260gf, IP67, Tact
Bulk
100,000
2506467-1
STS26A26RJTTR
6.2 x 6.2 x 2.6, 260gf, IP67, Tact T/R
Tape & Reel
100,000
2506467-2
STS34A26RJTR
6.2 x 6.2 x 3.4, 260gf, IP67, Tact
Tape & Reel
100,000
2506467-3
STS34A50YJTR
6.2 x 6.2 x 3.4, 500gf, IP67, Tact
Tape & Reel
100,000
2506467-4
STS25A18BSMTR
6.2 x 6.2 x 2.5, 180gf, IP67, Tact
Tape & Reel
300,000
2506469-1
STS50A18GSMTR
6.2 x 6.2 x 5.0, 180gf, IP67, Tact
Tape & Reel
300,000
2506469-2
STS31A18GSMTR
6.2 x 6.2 x 3.1, 180gf, IP67, Tact
Tape & Reel
300,000
2506469-3
STS31A28CSMTR
6.2 x 6.2 x 3.1, 280gf, IP67, Tact
Tape & Reel
200,000
2506469-4
STS72A18RSMTR
6.2 x 6.2 x 7.2, 180gf, IP67, Tact
Tape & Reel
300,000
2506470-1
STS77A18RSMTR
6.2 x 6.2 x 7.7, 180gf, IP67, Tact
Tape & Reel
300,000
2506470-2
STS77A25BSMTR
6.2 x 6.2 x 7.7, 250gf, IP67, Tact
Tape & Reel
300,000
2506470-3
STS72A25BSMTR
6.2 x 6.2 x 7.2, 250gf, IP67, Tact
Tape & Reel
300,000
2506470-4
STS52BLOJTR
6.45 x 6.45 x 5.2, 350gf, IP67, Tact
Tape & Reel
500000
2506471-1
STS52BDRJTTR
6.45 x 6.45 x 5.2, 260gf, IP67, Tact
Tape & Reel
500000
2506471-2
STS52BCWJTTR
6.45 x 6.45 x 5.2, 180gf, IP67, Tact
Tape & Reel
3000000
2506471-3
STS35BLOJTTR
6.45 x 6.45 x 3.5, 350gf, IP67, Tact
Tape & Reel
500000
2506471-4
STS35BDRJTTR
6.45 x 6.45 x 3.5, 260gf, IP67, Tact
Tape & Reel
500000
2506471-5
STS35BCWJTTR
6.45 x 6.45 x 3.5, 180gf, IP67, Tact
Tape & Reel
3000000
2506471-6
STS31A26RJTTR
6.2 x 6.2 x 3.1, 260gf, IP67, Tact
Tape & Reel
100,000
2506472-1
STS31A16HJTTR
6.2 x 6.2 x 3.1, 160gf, IP67, Tact
Tape & Reel
100,000
2506472-2
STSC18BRTTR
4.5 x 3.65 x 1.7, 180gf, IP67, Tact
Tape & Reel
100,000
2506476-1
STSE16BRSTR
7.1 x 8.5 x 7.0, 160gf, IP67, Tact
Tape & Reel
100,000
2506477-1
STS43A10ETHR
6.0 x 6.0 x 4.3, 100gf, IP67, Tact
Radial
100,000
2506473-1
STS70A20BTHR
6.0 x 6.0 x 7.0, 200gf, IP67, Tact
Radial
100,000
2506473-2
STS43A16CTHR
6.0 x 6.0 x 4.3, 160gf, IP67, Tact
Radial
100,000
2506473-3
STS13D26BTHR
8.0 x 8.0 x 13, 260gf, IP67, Tact
Radial
100,000
2506474-1
STS12D26BTHR
8.0 x 8.0 x 12.85, 260gf, IP67, Tact
Radial
100,000
2506474-2
STS80JS6BTH
6.0 x 6.0 x 8.0, 160gf, IP67, Tact
Bulk
100,000
2506475-1
PRODUCT INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9