Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSS0307-1 Fiches technique(PDF) 21 Page - Mosel Vitelic, Corp

No de pièce MSS0307-1
Description  3/ 6/ 9/ 12 / 15 / 18 VOICE ROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOSEL [Mosel Vitelic, Corp]
Site Internet  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS0307-1 Fiches technique(HTML) 21 Page - Mosel Vitelic, Corp

Back Button MSS0307-1 Datasheet HTML 17Page - Mosel Vitelic, Corp MSS0307-1 Datasheet HTML 18Page - Mosel Vitelic, Corp MSS0307-1 Datasheet HTML 19Page - Mosel Vitelic, Corp MSS0307-1 Datasheet HTML 20Page - Mosel Vitelic, Corp MSS0307-1 Datasheet HTML 21Page - Mosel Vitelic, Corp MSS0307-1 Datasheet HTML 22Page - Mosel Vitelic, Corp MSS0307-1 Datasheet HTML 23Page - Mosel Vitelic, Corp MSS0307-1 Datasheet HTML 24Page - Mosel Vitelic, Corp MSS0307-1 Datasheet HTML 25Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
K1 sentence 1
K2 sentence 5
K3 sentence 9
K4 sentence 13
TGA/OKY
TGB
TGC/INT
21/39
Application Circuits
Snn07
Cout
I. Straight 7 Triggers
PID247*** 09/96
MSS0307/S0607/S0907/S1207/S1507/S1807
MOSEL VITELIC INC.
Specifications subject to change without notice, contact your sales representatives for the most recent information.
(Preliminary)
Vdd
Vss
II. To limit current at LED
Out
Out
III. M9226 demo COB circuit
Snn07
SW16
SW12
SW8
SW4
SW13
SW9
SW5
SW1
JP4
K1
RW1
RW2
RW3
RW4
TGC/
INT
Rosc
Vss
V1
V2
JP2
Buzzer
JP3
R2
Q
8050
Speaker
JP1
JP3
JP10
JP10
JP10
D6
D1
D7
D8
D9
D10
D2
D3
D4
D5
Snn07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39