| Moteur de recherche de fiches techniques de composants électroniques |
|
DS1305 Fiches technique(PDF) 13 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS1305 Fiches technique(HTML) 13 Page - Dallas Semiconductor |
|
13 / 21 page ![]() DS1305 13 of 21 Figure 8. SPI MULTIPLE-BYTE BURST TRANSFER READING AND WRITING IN BURST MODE Burst mode is similar to a single-byte read or write, except that CE is kept high and additional SCLK cycles are sent until the end of the burst. The clock registers and the user RAM can be read or written in burst mode. When accessing the clock registers in burst mode, the address pointer wraps around after reaching 1Fh (9Fh for writes). When accessing the user RAM in burst mode, the address pointer wraps around after reaching 7Fh (FFh for writes). |