| Moteur de recherche de fiches techniques de composants électroniques |
|
L9805 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9805 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 103 page ![]() 23/103 L9805 INTERRUPTS (Cont’d) Figure 11. Interrupt Processing Flowchart Note 1. See Table 4 INTERRUPT TRAP FETCH NEXT INSTRUCTION OF APPROPRIATE INTERRUPT SERVICE ROUTINE EXECUTE INSTRUCTION PUSH PC,X,A,CC SET I BIT TO 1 VR01172B N Y LOAD PC WITH APPROPRIATE INTERRUPT VECTOR (1) I BIT = 1 N Y ONTO STACK |