Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9611C Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce L9611C
Description  PWM POWER MOS CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9611C Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button L9611C Datasheet HTML 4Page - STMicroelectronics L9611C Datasheet HTML 5Page - STMicroelectronics L9611C Datasheet HTML 6Page - STMicroelectronics L9611C Datasheet HTML 7Page - STMicroelectronics L9611C Datasheet HTML 8Page - STMicroelectronics L9611C Datasheet HTML 9Page - STMicroelectronics L9611C Datasheet HTML 10Page - STMicroelectronics L9611C Datasheet HTML 11Page - STMicroelectronics L9611C Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.75
0.069
a1
0.1
0.25
0.004
0.009
a2
1.6
0.063
b
0.35
0.46
0.014
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.020
c1
45 (typ.)
D
9.8
10
0.386
0.394
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F
3.8
4.0
0.150
0.157
L
0.4
1.27
0.016
0.050
M
0.62
0.024
S
8 (max.)
L9610C - L9611C
11/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12