| Moteur de recherche de fiches techniques de composants électroniques |
|
L9610C Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9610C Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 12 page ![]() L9610C L9611C November 1991 PWM POWER MOS CONTROLLER . HIGH EFFICIENCY DUE TO PWM CONTROL AND POWERMOS DRIVER . LOAD DUMP PROTECTION . LOAD POWER LIMITATION . EXTERNAL POWERMOS PROTECTION . LIMITED OUTPUT VOLTAGE SLEW RATE SO16 DESCRIPTION The L9610C/11C is a monolithic integrated circuit working in PWM mode as controller of an external powerMOS transistor in High Side Driver configura- tion. Features of the device include controlled slope of the leading and trailing edge of the gate driving vol- tage, linear current limiting with protection timer, set- table switching frequencyfo, TTL compatible enable function, protection status ouput pin. The device is mounted in SO16 micropackage, and DIP16 pack- age. ORDERING NUMBERS: L9610C L9611C BLOCK DIAGRAM 1/9 This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice. DIP 16 |
Numéro de pièce similaire - L9610C |
|
Description similaire - L9610C |