| Moteur de recherche de fiches techniques de composants électroniques |
|
L7808CV Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7808CV Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 34 page ![]() L7800 SERIES 2/34 Table 1: Absolute Maximum Ratings Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Table 2: Thermal Data Figure 2: Schematic Diagram Symbol Parameter Value Unit VI DC Input Voltage for VO= 5 to 18V 35 V for VO= 20, 24V 40 IO Output Current Internally Limited Ptot Power Dissipation Internally Limited Tstg Storage Temperature Range -65 to 150 °C Top Operating Junction Temperature Range for L7800 -55 to 150 °C for L7800C 0 to 150 Symbol Parameter D2PAK TO-220 TO-220FP TO-220FM TO-3 Unit Rthj-case Thermal Resistance Junction-case Max 355 54 °C/W Rthj-amb Thermal Resistance Junction-ambient Max 62.5 50 60 60 35 °C/W |