Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USX2064 Fiches technique(PDF) 13 Page - Microchip Technology

No de pièce USX2064
Description  USB 2.0 Hi-Speed 4-Port Hub Controller with Battery Charging
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USX2064 Fiches technique(HTML) 13 Page - Microchip Technology

Back Button USX2064 Datasheet HTML 9Page - Microchip Technology USX2064 Datasheet HTML 10Page - Microchip Technology USX2064 Datasheet HTML 11Page - Microchip Technology USX2064 Datasheet HTML 12Page - Microchip Technology USX2064 Datasheet HTML 13Page - Microchip Technology USX2064 Datasheet HTML 14Page - Microchip Technology USX2064 Datasheet HTML 15Page - Microchip Technology USX2064 Datasheet HTML 16Page - Microchip Technology USX2064 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
2023 Microchip Technology Inc. and its subsidiaries
DS00001986E-page 13
USX2064
3.4
Buffer Type Descriptions
TABLE 3-4:
BUFFER TYPE DESCRIPTIONS
Buffer Type
Description
I
Input
I/O
Input/output
IPD
Input with internal weak pull-down resistor
IPU
Input with internal weak pull-up resistor
IS
Input with Schmitt trigger
O12
Output 12 mA
I/O12
Input/output buffer with 12 mA sink and 12 mA source
I/OSD12
Open drain with Schmitt trigger and 12 mA sink. Meets the I2C-Bus Specification [2] require-
ments.
ICLKx
XTAL clock input
OCLKx
XTAL clock output
I-R
RBIAS
I/O-U
Analog input/output defined in USB specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54