Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN8808D/KDX Fiches technique(PDF) 72 Page - Microchip Technology

No de pièce LAN8808D/KDX
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8808D/KDX Fiches technique(HTML) 72 Page - Microchip Technology

Back Button LAN8808D/KDX Datasheet HTML 68Page - Microchip Technology LAN8808D/KDX Datasheet HTML 69Page - Microchip Technology LAN8808D/KDX Datasheet HTML 70Page - Microchip Technology LAN8808D/KDX Datasheet HTML 71Page - Microchip Technology LAN8808D/KDX Datasheet HTML 72Page - Microchip Technology LAN8808D/KDX Datasheet HTML 73Page - Microchip Technology LAN8808D/KDX Datasheet HTML 74Page - Microchip Technology LAN8808D/KDX Datasheet HTML 75Page - Microchip Technology LAN8808D/KDX Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
LAN8808D
DS00005833C-page 72
© 2026 Microchip Technology Inc. and its subsidiaries
7.0
PACKAGE OUTLINE
7.1
Top Marking
Legend:
I
Temperature range designator (blank = commercial, I = industrial)
R
Product revision (D = D0 silicon revision)
nnn
Internal code
e3
Pb-free JEDEC® designator for Matte Tin (Sn)
YY
Year code (last two digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next
line, thus limiting the number of available characters for customer-specific information
LAN8808I
Rnnn e3
YYWWNNN
e3
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80