| Moteur de recherche de fiches techniques de composants électroniques |
|
AD4086BBCZ Fiches technique(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD4086BBCZ Fiches technique(HTML) 5 Page - Analog Devices |
|
5 / 91 page ![]() Data Sheet AD4086 SPECIFICATIONS analog.com Rev. 0 | 5 of 91 Table 1. Specifications (Continued) Parameter Test Conditions/Comments Min Typ Max Unit POWER SUPPLIES VDD33 3.135 3.30 3.465 V VDDLDO 1.4 2.7 V VDD11 Applied externally, LDO disabled 1.045 1.10 1.155 V IOVDD Applied externally, LDO disabled 1.045 1.10 1.26 V Operating Current LVDS_CNV_EN = 0 Static Converter and interface idle, FIFO disabled VDD33 5.72 7.14 mA VDDLDO VDD11 LDO disabled 0 0.02 mA VDD11 16.4 23 mA IOVDD 5.43 6 mA VDDLDO VDD11 LDO enabled 21.5 26.5 mA Dynamic DC input signal VDD33 16.4 18.72 mA VDDLDO VDD11 LDO disabled 0 0.02 mA VDD11 24.5 30.8 mA IOVDD 8.3 9.3 mA VDDLDO VDD11 LDO enabled 30.9 36.8 mA Dynamic −0.5dBFS sine-wave input signal VDD33 14.7 16.2 mA VDDLDO VDD11 LDO disabled 0 0.02 mA VDD11 24.5 31 mA IOVDD 8.7 9.8 mA VDDLDO VDD11 LDO enabled 31 37 mA Standby Mode LVDS_SELF_CLK_MODE disabled VDD33 1.4 1.9 mA VDDLDO VDD11 LDO disabled 0 0.02 mA VDD11 1.7 5.1 mA IOVDD 62 376 µA VDDLDO VDD11 LDO enabled 1.7 4.8 mA Sleep Mode LVDS_SELF_CLK_MODE disabled VDD33 0.6 0.9 mA VDDLDO VDD11 LDO disabled 0 0.02 mA VDD11 1.7 4.4 mA IOVDD 62 375 µA VDDLDO VDD11 LDO enabled 1.4 4.5 mA Power Dissipation Static VDD11 LDO disabled 42.9 58.9 mW Dynamic DC input signal 90.2 112.2 mW Dynamic −0.5dBFS sine-wave input signal 85 104.3 mW Standby Mode VDD11 LDO disabled 6.6 12.9 mW Sleep Mode VDD11 LDO disabled 3.9 8.7 mW TEMPERATURE RANGE Specified Performance TMIN to TMAX −40 +85 °C |