| Moteur de recherche de fiches techniques de composants électroniques |
|
L9222 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9222 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 5 page ![]() ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VOUT Output Voltage – 0.7 to 50 V VCC Logic Supply Voltage 7 V Vi Input Voltage – 0.7 to VCC + 0.3 V Tj,TST Junction and Storage Temperature Range – 55 to 150 °C PIN CONNECTION (top view) TRUTH TABLE Enable Inpu t Power Out H H L L H X ON OFF OFF F or each input : H= H ig h level L= Low level X = Don’t care THERMAL DATA Symbol Parameter Value Unit Rth j-amb Rth-J-case Thermal Resistance Junction-ambient Thermal Resistance Junction-case Max Max 90 14 °C/W °C/W L9222 2/5 |