| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF85263ATL/AX Fiches technique(PDF) 92 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85263ATL/AX Fiches technique(HTML) 92 Page - NXP Semiconductors |
|
92 / 102 page ![]() NXP Semiconductors PCF85263A Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus 22 Acronyms Table 71 describes the acronyms used in this data sheet. Acronym Description BCD Binary Coded Decimal CMOS Complementary Metal Oxide Semiconductor ESD ElectroStatic Discharge HBM Human Body Model I2C Inter-Integrated Circuit IC Integrated Circuit LSB Least Significant Bit MSB Most Significant Bit MSL Moisture Sensitivity Level PCB Printed-Circuit Board POR Power-On Reset RTC Real-Time Clock SCL Serial Clock Line SDA Serial DAta line SMD Surface Mount Device Table 71. Acronyms PCF85263A All information provided in this document is subject to legal disclaimers. © 2025 NXP B.V. All rights reserved. Product data sheet Rev. 5.4 — 12 December 2025 Document feedback 92 / 102 |