Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPF0900AMBA2ES Fiches technique(PDF) 15 Page - NXP Semiconductors

No de pièce MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Fiches technique(HTML) 15 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 11Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 12Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 13Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 14Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 15Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 16Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 17Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 18Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
10.3 Device identification
The DEV_ID[4:0] bits are provided to identify the core ID for each member of the PF09 family.
DEV_ID[4:0]
Device
00000
PF0900
00001
PF0901
00010
PF0902
….
….
11111
PF0931
Table 6. DEVICE_ID bit field
The FS_ID[2:0] bits are provided to identify the functional safety target level of a specific part number within the
PF09 family.
FS_ID[2:0]
Device
000
QM
001
ASIL B
010
ASIL D
011
SIL 2
100
Reserved
101
Reserved
110
Reserved
111
Reserved
Table 7. FS_ID bit field
The functional safety target level is assigned based on the safety functions available on a specific part number
and the corresponding FMEDA analysis, assuming such functions are utilized as recommended in the product
safety manual.
It is responsibility of the system designer to evaluate custom OTP configurations which are using a subset of the
safety mechanism provided on the corresponding device.
The DEVICE_FAM[7:0] bits is provided to identify the family code for the PF09.
DEVICE_FAM[7:0]
Device family
0x09
PF09
Table 8. DEVICE_FAM bit field
The OTP program ID registers are provided to track and identify the OTP configuration of standard and custom-
programmed devices provide by NXP.
The PROG_IDH[4:0] bits provide the hexadecimal coding of the first OTP ID character (A - Z).
PROG_IDH[4:0]
OTP ID First Letter
00000
A
00001
B
Table 9. PROG_IDH bit field
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
15 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More