Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPF0900AMBA0ES Fiches technique(PDF) 37 Page - NXP Semiconductors

No de pièce MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Fiches technique(HTML) 37 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 33Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 34Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 35Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 36Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 37Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 38Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 39Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 40Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
aaa-056050
SW1
LDO1
SW3
RSTB
SW2
GPOx
INTB
SYSTEM ON
End of
PWRUP
Start of
PWRDN
Power-down seq.
Run to off
Power-up seq.
OFF to RUN
End of
PWRDN
Figure 11. Power up/down Transitions
12.3.3.2 Dynamic power-up
When the OTP_SEQ_MODE = 1, the device will power up in dynamic mode.
When operating in dynamic mode, the device uses the OTP_XXX_SEQ[7:0] bits to set the order in which the
system regulators will be enabled during the power-up sequence. The particular slot selection is not relevant
for the power-up sequence, instead, the slot number is used to create a hierarchical order during power-up.
(Regulators with lower slot numbers belong to a lower hierarchical level).
When the OTP_SEQ_MODE = 1, the power-down sequence still uses the XXX_SEQ[7:0] and TBASE[1:0] bits
to power down in the reverse time-based sequence as defined in Section 12.4.
Channel
OTP_XXX_SEQ[7:0]
Sequenced power
up/down slot
Dynamic hierarchical level
SW1
0000_0010
Slot 1
Level 2
SW2
0000_0100
Slot 3
Level 3
SW3
0000_1000
Slot 7
Level 5
SW4
0000_0111
Slot 6
Level 4
SW5
0000_0011
Slot 3
Level 3
GPIO1
0000_1000
Slot 7
Level 5
LDO1
0000_0010
Slot 1
Level 2
LDO2
0000_0000
OFF
OFF
VAON
0000_0001
Slot 0
Level 1
RSTB
0001_1111
Slot 31
Level 7
Table 31. Dynamic power down sequence example
Regulators with the lower hierarchical level power up first, and regulators in the next hierarchical level will start
powering up only after the previous regulators have reached the point of regulation.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
37 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More