Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C4000 Fiches technique(PDF) 8 Page - SICK AG

No de pièce C4000
Description  SAFETY LIGHT CURTAINS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

C4000 Fiches technique(HTML) 8 Page - SICK AG

  C4000 Datasheet HTML 1Page - SICK AG C4000 Datasheet HTML 2Page - SICK AG C4000 Datasheet HTML 3Page - SICK AG C4000 Datasheet HTML 4Page - SICK AG C4000 Datasheet HTML 5Page - SICK AG C4000 Datasheet HTML 6Page - SICK AG C4000 Datasheet HTML 7Page - SICK AG C4000 Datasheet HTML 8Page - SICK AG C4000 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
C40E-0904CB010 | C4000 Advanced
SAFETY LIGHT CURTAINS
Brief description
Type
Part no.
Head A: female connector, M26, 12-pin, angled
Cable: unshielded
12 crimping contacts enclosed
DOS-0612W000GA3KM0
6020758
Head A: male connector, M26, 12-pin, straight
Cable: unshielded
12 crimping contacts enclosed
STE-0612G000GA3KM0
6021191
Head A: male connector, M26, 12-pin, angled
Cable: unshielded
12 crimping contacts enclosed
STE-0612W000GA3KM0
6021192
Terminal and alignment brackets
4 pieces, Mounting kit 6, side bracket, rotatable, zinc diecast
BEF-1SHABAZN4
2019506
4 pieces, Omega bracket, rotatable, fixable with only one screw, for mounting on the
swivel mount
BEF-2SMMEAAL4
2044847
4 pieces, Stainless steel bracket, rotatable, stainless steel 1.4350, stainless steel
1.4301
BEF-2SMMEAES4
2023708
4 pieces, Mounting kit 2, rotatable, swivel mount, Polyamide PA6
BEF-2SMMEAKU4
2019659
Switching amplifiers
• Applications: Functionality upgrade
• Compatible sensor types: C4000 safety light curtains
• Description: Upgrades the C4000 Standard, Advanced, Palletizer, Entry/Exit, and
Fusion to include the functions defined in the technical specifications, e.g., bypass,
operating mode switching, and PSDI in the case of C4000 Standard, Advanced.
UE402
1023577
8
SAFETY LIGHT CURTAINS | SICK
Product data sheet | 2024-03-01 06:41:22
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9