| Moteur de recherche de fiches techniques de composants électroniques |
|
L6932D2.5TR Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6932D2.5TR Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 10 page ![]() 3/10 L6932 BLOCK DIAGRAM (Referred to the Fixed Voltage version) ELECTRICAL CHARACTERISTCS (Tj = 25°C, VIN = 5V unless otherwise specified) (*) Specification referred to Tj from -25°C to 125°C. Symbol Parameter Test Condition Min. Typ. Max. Unit Vin Operating Supply Voltage 2 14 V Vo Output voltage L6932D1.2 Io = 0.1A; Vin = 3.3V 1.188 1.2 1.212 V Output voltage L6932D1.8 Io = 0.1A; Vin = 3.3V 1.782 1.8 1.818 V Output voltage L6932D2.5 Io = 0.1A; Vin = 3.3V 2.475 2.5 2.525 V L6932D1.2 Line Regulation Vin = 2.5V ±10%; Io = 10mA 5 mV Vin = 3.3V ±10%; Io = 10mA 5 mV Vin = 5V ±10%; Io = 10mA 5 mV L6932D1.8 Line Regulation Vin = 2.5V ±10%; Io = 10mA 5 mV Vin = 3.3V ±10%; Io = 10mA 5 mV Vin = 5V ±10%; Io = 10mA 5 mV L6932D2.5 Line Regulation Vin = 3.3V ±10%; Io = 10mA 5 mV Vin = 5V ±10%; Io = 10mA 5 mV L6932D1.2 Load Regulation Vin = 3.3V; 0.1A < Io < 2A 15 mV L6932D1.8 Load Regulation Vin = 3.3V; 0.1A < Io < 2A 15 mV L6932D2.5 Load Regulation Vin = 3.3V; 0.1A < Io < 2A 15 mV Rdson Drain Source ON resistance 200 m Ω Iocc Current limiting 2.3 2.5 2.7 A Iq Quiescent current 0.2 0.4 mA Ish Shutdown current 2V < Vin < 14V * 25 µA Ripple Rejection f = 120Hz, Io = 1A Vin = 5V, ∆Vin = 2Vpp 60 75 dB Ven EN Input Threshold 0.5 0.65 0.8 V REFERENCE VREF=1.25V CURRENT LIMIT THERMAL SENSOR ENABLE EN IN OUT PG GND CHARGE PUMP ERROR AMPL. DRIVER VREF 0.9 VREF + - - + D99IN1100 |