Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L7203 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce L7203
Description  SMOOTH DRIVE SPINDLE MOTOR FOR OPTICAL DRIVE APPLICATION WITH POWER INTEGRATED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7203 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button L7203 Datasheet HTML 5Page - STMicroelectronics L7203 Datasheet HTML 6Page - STMicroelectronics L7203 Datasheet HTML 7Page - STMicroelectronics L7203 Datasheet HTML 8Page - STMicroelectronics L7203 Datasheet HTML 9Page - STMicroelectronics L7203 Datasheet HTML 10Page - STMicroelectronics L7203 Datasheet HTML 11Page - STMicroelectronics L7203 Datasheet HTML 12Page - STMicroelectronics L7203 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
0
11
20
A
e
B
D
E
L
K
H
A1
C
SO20MEC
h x 45˚
SO20
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.35
2.65
0.093
0.104
A1
0.1
0.3
0.004
0.012
B
0.33
0.51
0.013
0.020
C
0.23
0.32
0.009
0.013
D
12.6
13
0.496
0.512
E
7.4
7.6
0.291
0.299
e
1.27
0.050
H
10
10.65
0.394
0.419
h
0.25
0.75
0.010
0.030
L
0.4
1.27
0.016
0.050
K
0˚ (min.)8˚ (max.)
OUTLINE AND
MECHANICAL DATA
L7203
11/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13