Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L702 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce L702
Description  2A QUAD DARLINGTON SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L702 Fiches technique(HTML) 4 Page - STMicroelectronics

  L702 Datasheet HTML 1Page - STMicroelectronics L702 Datasheet HTML 2Page - STMicroelectronics L702 Datasheet HTML 3Page - STMicroelectronics L702 Datasheet HTML 4Page - STMicroelectronics L702 Datasheet HTML 5Page - STMicroelectronics L702 Datasheet HTML 6Page - STMicroelectronics L702 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Figure 3. Peak Collector Current
vs. Duty Cycle and Number of
Outputs (L702B only)
Figure 4 . C ollect or E mit t er
Saturation Voltage vs. Collector
Current.
Figure 5. Collector Current vs.
Input Voltage.
Figure 6. Input Current vs. Input
Voltage.
Figure 7. Safe Operating Areas
(L702B).
Figure 8. Safe Operating Areas
(L702N).
4/7
L702



Html Pages

1 2 3 4 5 6 7