| Moteur de recherche de fiches techniques de composants électroniques |
|
ISL88001/2/3EVAL1Z Fiches technique(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ISL88001/2/3EVAL1Z Fiches technique(HTML) 4 Page - Renesas Technology Corp |
|
4 / 16 page ![]() ISL88001, ISL88002, ISL88003 FN6174 Rev 3.00 Page 4 of 15 Feb 10, 2021 ISL88001IH29Z-TK (Note 4) 1H29 Push-Pull RST 2.92 -40 to +85 1k 3 Ld SOT-23 P3.064 ISL88001IH26Z-T (Note 4) 1H26 Push-Pull RST 2.63 -40 to +85 3k 3 Ld SOT-23 P3.064 ISL88001IH26Z-T7A (Note 4) 1H26 Push-Pull RST 2.63 -40 to +85 250 3 Ld SOT-23 P3.064 ISL88001IH26Z-TK (Note 4) 1H26 Push-Pull RST 2.63 -40 to +85 1k 3 Ld SOT-23 P3.064 ISL88001IH23Z-T (Note 4) 1H23 Push-Pull RST 2.32 -40 to +85 3k 3 Ld SOT-23 P3.064 ISL88001IH23Z-T7A (Note 4) 1H23 Push-Pull RST 2.32 -40 to +85 250 3 Ld SOT-23 P3.064 ISL88001IH23Z-TK (Note 4) 1H23 Push-Pull RST 2.32 -40 to +85 1k 3 Ld SOT-23 P3.064 ISL88001IH22Z-T (Note 4) 1H22 Push-Pull RST 2.19 -40 to +85 3k 3 Ld SOT-23 P3.064 ISL88001IH22Z-T7A (Note 4) 1H22 Push-Pull RST 2.19 -40 to +85 250 3 Ld SOT-23 P3.064 ISL88001IH22Z-TK (Note 4) 1H22 Push-Pull RST 2.19 -40 to +85 1k 3 Ld SOT-23 P3.064 ISL88001IH17Z-T (Note 4) 1H17 Push-Pull RST 1.67 -40 to +85 3k 3 Ld SOT-23 P3.064 ISL88001IH17Z-T7A (Note 4) 1H17 Push-Pull RST 1.67 -40 to +85 250 3 Ld SOT-23 P3.064 ISL88001IH17Z-TK (Note 4) 1H17 Push-Pull RST 1.67 -40 to +85 1k 3 Ld SOT-23 P3.064 ISL88001IH16Z-T (Note 4) 1H16 Push-Pull RST1 1.58 -40 to +85 3k 3 Ld SOT-23 P3.064 ISL88001IH16Z-T7A (Note 4) 1H16 Push-Pull RST1 1.58 -40 to +85 250 3 Ld SOT-23 P3.064 ISL88001IH16Z-TK (Note 4) 1H16 Push-Pull RST1 1.58 -40 to +85 1k 3 Ld SOT-23 P3.064 ISL88002IE46Z-T (Note 3) 246 Open Drain RST 4.62 -40 to +85 3k 3 Ld SC-70 P3.049 ISL88002IE46Z-T7A (Note 3) 246 Open Drain RST 4.62 -40 to +85 250 3 Ld SC-70 P3.049 ISL88002IE46Z-TK (Note 3) 246 Open Drain RST 4.62 -40 to +85 1k 3 Ld SC-70 P3.049 ISL88002IE44Z-T (Note 3) 244 Open Drain RST 4.38 -40 to +85 3k 3 Ld SC-70 P3.049 ISL88002IE44Z-T7A (Note 3) 244 Open Drain RST 4.38 -40 to +85 250 3 Ld SC-70 P3.049 ISL88002IE44Z-TK (Note 3) 244 Open Drain RST 4.38 -40 to +85 1k 3 Ld SC-70 P3.049 ISL88002IE31Z-T (Note 3) 231 Open Drain RST 3.07 -40 to +85 3k 3 Ld SC-70 P3.049 ISL88002IE31Z-T7A (Note 3) 231 Open Drain RST 3.07 -40 to +85 250 3 Ld SC-70 P3.049 ISL88002IE31Z-TK (Note 3) 231 Open Drain RST 3.07 -40 to +85 1k 3 Ld SC-70 P3.049 ISL88002IE29Z-T (Note 3) 229 Open Drain RST 2.92 -40 to +85 3k 3 Ld SC-70 P3.049 ISL88002IE29Z-T7A (Note 3) 229 Open Drain RST 2.92 -40 to +85 250 3 Ld SC-70 P3.049 ISL88002IE29Z-TK (Note 3) 229 Open Drain RST 2.92 -40 to +85 1k 3 Ld SC-70 P3.049 ISL88002IE26Z-T (Note 3) 226 Open Drain RST 2.63 -40 to +85 3k 3 Ld SC-70 P3.049 ISL88002IE26Z-T7A (Note 3) 226 Open Drain RST 2.63 -40 to +85 250 3 Ld SC-70 P3.049 ISL88002IE26Z-TK (Note 3) 226 Open Drain RST 2.63 -40 to +85 1k 3 Ld SC-70 P3.049 ISL88002IE23Z-T (Note 3) 223 Open Drain RST 2.32 -40 to +85 3k 3 Ld SC-70 P3.049 ISL88002IE23Z-T7A (Note 3) 223 Open Drain RST 2.32 -40 to +85 250 3 Ld SC-70 P3.049 ISL88002IE23Z-TK (Note 3) 223 Open Drain RST 2.32 -40 to +85 1k 3 Ld SC-70 P3.049 ISL88002IE22Z-T (Note 3) 222 Open Drain RST 2.19 -40 to +85 3k 3 Ld SC-70 P3.049 ISL88002IE22Z-T7A (Note 3) 222 Open Drain RST 2.19 -40 to +85 250 3 Ld SC-70 P3.049 ISL88002IE22Z-TK (Note 3) 222 Open Drain RST 2.19 -40 to +85 1k 3 Ld SC-70 P3.049 ISL88002IE17Z-T (Note 3) 217 Open Drain RST 1.67 -40 to +85 3k 3 Ld SC-70 P3.049 Ordering Information (Continued) PART NUMBER (Notes 1, 5) PART MARKING (Note 6) RESET NOMINAL VTHVDD (V) TEMPERATURE RANGE (°C) TAPE AND REEL (Units) (Note 2) PACKAGE Tape and Reel (Pb-free) PKG. DWG. # |