| Moteur de recherche de fiches techniques de composants électroniques |
|
PX-313. Fiches technique(PDF) 1 Page - Brainboxes Limited |
|
|
|||||||||||||||||||||||||||||
PX-313. Fiches technique(HTML) 1 Page - Brainboxes Limited |
|
1 / 2 page ![]() RoHS Compliant PCIe 2xRS422/485 1MBaud PX-313/PX-303 “SERIAL CARDS EngInEERED to ExCEED ExpECtAtIonS” Features Description Software pCI Express Card providing two RS422/485 serial ports. Up to 921,600 data transfer rates and the 128 byte deep transmit and 128 byte receive FIFoS, coupled with 1Mbit/s line drivers deliver uncompromising performance on your pC. Drivers for Windows 32 bit and 64 bit operating Systems including Windows 2000, xp, Server 2003, Vista, Server 2008, Windows 7 and Windows 8. pCI Express is the latest standard in pC connectivity. With Brainboxes’ industry renowned Lifetime Warranty and Lifetime Support! • 2 port RS422/485 • pCI Express x1, x4, x8 x16 lane slots socket size • 128 Byte tx and 128 Byte Rx FIFos • Up to 921,600 Baud • DB9 connector (9 pin Male) • Drivers for all popular operating systems • Sample programs, test & terminal software • Lifetime Support • Lifetime Warranty (registration required) Microsoft signed drivers (easy installation & robust operation) for: • Windows 7 32 bit 64 bit Editions • Windows Server 2008 32 bit 64 bit Editions • Windows Vista 32 bit 64 bit editions • Windows Server 2003 32 bit 64 bit Editions As well as: full product documentation, a thorough troubleshooting guide and terminal software. Detailed sample source code for many popular programming languages. Further oS support on next page. options px-313: pCIe 2xRS422/485 1MBaud px-303: pCIe 1+1xRS422/485 1MBaud oRDER Description Code pCIe 2xRS422/485 1MBaud px-313 pCIe 1+1xRS422/485 1MBaud px-303 +44(0) 151 220 2500 | sales@brainboxes.com | www.brainboxes.com |
Numéro de pièce similaire - PX-313. |
|
Description similaire - PX-313. |