Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6918AD Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce L6918AD
Description  5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6918AD Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button L6918AD Datasheet HTML 24Page - STMicroelectronics L6918AD Datasheet HTML 25Page - STMicroelectronics L6918AD Datasheet HTML 26Page - STMicroelectronics L6918AD Datasheet HTML 27Page - STMicroelectronics L6918AD Datasheet HTML 28Page - STMicroelectronics L6918AD Datasheet HTML 29Page - STMicroelectronics L6918AD Datasheet HTML 30Page - STMicroelectronics L6918AD Datasheet HTML 31Page - STMicroelectronics L6918AD Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
L6918 L6918A
28/35
Figure 19. Demo Board Schematic
PGOOD
PGND
PGNDS2
ISEN2
LGATE2
PHASE2
UGATE2
BOOT2
VCC
SGND
OSC / INH
VID0
VID1
VID2
VID3
VID4
ISEN1
LGATE1
PHASE1
UGATE1
BOOT1
VCCDR
6
24
25
26
27
16
15
2
5
4
3
1
13
11
22
21
20
18
19
7
28
23
10
12
VPROG_OUT
SLAVE_OK
17
R25
R24
Q7
Q8
C26
L4
C32
R30
D9
C28
C11,C13,C51;
C46,C47,C52
C14..C23,
C35..C44
C24
R21
JP3
R23
S1
S0
S3
S2
S4
R26
R27
Q5
L3
Q6
C27
D10
C29
Vin
GNDin
GNDCORE
VoutCOR
PGOOD
Master
L6918A
DZ1
C31
JP2
JP1
R33
R35
R32
R34
C9,C10;
C33,C34
R38
R39
R16
Q5a
Q7a
R19
R20
JP5
JP4
FBG
PGND
PGNDS2
ISEN2
LGATE2
PHASE2
UGATE2
BOOT2
VCC
PGOOD
SYNC_OUT
SYNC/ADJ
PGNDS1
ISEN1
LGATE1
PHASE1
UGATE1
BOOT1
VCCDR
6
24
25
26
27
16
15
2
5
4
3
1
13
14
22
21
20
18
19
28
23
11
12
VPROG_IN
SLAVE_OK
SGND
OSC / INH
7
17
R4
R3
Q3
Q4
C3
L2
C7
R10
D3
C6
R2
R5
R6
Q1
L1
Q2
C4
D4
C5
FBG
FBR
Slave
L6918
C8
R13
R15
R12
R14
R18
R17
Q1a
Q3a
D5
D6
Vcc
GNDcc
FB
COMP
9
8
C48
R29
C25
R31
R28
JP6
PGNDS1
VSEN
FB
COMP
10
9
8
C1
R8
C2
R9
R7
FBR
C12
C50
C45
C49
SL/ADJ
R22
C30
C53
R11
C24
14
To Slave’s
PGOOD
R37
To L6918A
Pin 6
R36
To L6918
Pin 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35