Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6918A Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce L6918A
Description  5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6918A Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button L6918A Datasheet HTML 5Page - STMicroelectronics L6918A Datasheet HTML 6Page - STMicroelectronics L6918A Datasheet HTML 7Page - STMicroelectronics L6918A Datasheet HTML 8Page - STMicroelectronics L6918A Datasheet HTML 9Page - STMicroelectronics L6918A Datasheet HTML 10Page - STMicroelectronics L6918A Datasheet HTML 11Page - STMicroelectronics L6918A Datasheet HTML 12Page - STMicroelectronics L6918A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
9/35
L6918 L6918A
FOUR PHASE REFERENCE SCHEMATICS
PGOOD
PGND
PGNDS2
ISEN2
LGATE2
PHASE2
UGATE2
BOOT2
VCC
SGND
OSC / INH
VID0
VID1
VID2
VID3
VID4
ISEN1
LGATE1
PHASE1
UGATE1
BOOT1
VCCDR
6
24
25
26
27
16
15
2
5
4
3
1
13
11
22
21
20
18
19
7
28
23
10
12
VPROG_OUT
SLAVE OK
17
Rg
Rg
LS2
HS2
L2
COUT
S1
S0
S3
S2
S4
Rg
Rg
LS1
L1
HS1
Vin
GNDin
PGOOD
Master
L6918A
CIN
FBG
PGND
PGNDS2
ISEN2
LGATE2
PHASE2
UGATE2
BOOT2
VCC
PGOOD
SYNC_OUT
SYNC/ADJ
PGNDS1
ISEN1
LGATE1
PHASE1
UGATE1
BOOT1
VCCDR
6
24
25
26
27
16
15
2
5
4
3
1
13
14
22
21
20
18
19
28
23
11
12
VPROG_IN
SLAVE_OK
SGND
OSC / INH
7
17
Rg
Rg
LS4
HS4
L4
R2
Rg
Rg
LS3
L3
HS3
Slave
L6918
FB
COMP
9
8
RF
CF
PGNDS1
VSEN
FB
COMP
10
9
8
RF
CF
RF
FBR
RFB
14
To Slave’s
PGOOD
CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35