Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6611D Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce L6611D
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6611D Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button L6611D Datasheet HTML 20Page - STMicroelectronics L6611D Datasheet HTML 21Page - STMicroelectronics L6611D Datasheet HTML 22Page - STMicroelectronics L6611D Datasheet HTML 23Page - STMicroelectronics L6611D Datasheet HTML 24Page - STMicroelectronics L6611D Datasheet HTML 25Page - STMicroelectronics L6611D Datasheet HTML 26Page - STMicroelectronics L6611D Datasheet HTML 27Page - STMicroelectronics L6611D Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
27/28
L6611
11
0
11
20
A
e
B
D
E
L
K
H
A1
C
SO20MEC
h x 45˚
SO20
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.35
2.65
0.093
0.104
A1
0.1
0.3
0.004
0.012
B
0.33
0.51
0.013
0.020
C
0.23
0.32
0.009
0.013
D
12.6
13
0.496
0.512
E
7.4
7.6
0.291
0.299
e
1.27
0.050
H
10
10.65
0.394
0.419
h
0.25
0.75
0.010
0.030
L
0.4
1.27
0.016
0.050
K
0˚ (min.)8˚ (max.)
OUTLINE AND
MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28