Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VT1616 Fiches technique(PDF) 27 Page - List of Unclassifed Manufacturers

No de pièce VT1616
Description  6-Channel AC97 Codec with S/PDIF
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

VT1616 Fiches technique(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button VT1616 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 25Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 26Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 27Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 28Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 29Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Revision 1.5, October 11, 2002
27
Data Sheet
VT1616 6-Channel AC97 Codec with S/PDIF
Multiple Codec Example
The primary codec provides the master BIT_CLK. The secondary codec, if any, and the controller, will use this clock to
work in synchronous mode. Note that the ID[1:0] pins are internally pulled up; therefore, it is necessary to pull the
ID[1:0] pins low to set the codec as secondary. Notice that the state of the ID[1:0] pins are reflected in reverse polarity
as shown on Table 5 on page 19. See Reg. 28h for more details.
Figure 4.Multiple Codec Example
DC ‘97
SYNC
BIT_CLK
SDATA_OUT
RESET#
SDATA_IN0
SDATA_IN1
AC ‘97 ~ Primary
SYNC
BIT_CLK
SDATA_OUT
RESET#
SDATA_IN
ID0
ID1
1
1
AC ‘97 ~ Secondary
SYNC
BIT_CLK
SDATA_OUT
RESET#
SDATA_IN
ID0
ID1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40