Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPS10150C Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STPS10150C
Description  High voltage power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10150C Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STPS10150C Datasheet HTML 4Page - STMicroelectronics STPS10150C Datasheet HTML 5Page - STMicroelectronics STPS10150C Datasheet HTML 6Page - STMicroelectronics STPS10150C Datasheet HTML 7Page - STMicroelectronics STPS10150C Datasheet HTML 8Page - STMicroelectronics STPS10150C Datasheet HTML 9Page - STMicroelectronics STPS10150C Datasheet HTML 10Page - STMicroelectronics STPS10150C Datasheet HTML 11Page - STMicroelectronics STPS10150C Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DocID7754 Rev 7
11/12
STPS10150C
Ordering information
12
3
Ordering information
4
Revision history
Table 8. Ordering information
Order code
Marking
Package
Weight Base qty Delivery mode
STPS10150CT
STPS10150CT
TO-220AB
1.95 g
50
Tube
STPS10150CFP
STPS10150CFP
TO-220FPAB
1.90 g
50
STPS10150CG-TR
STPS10150CG
D²PAK
1.38 g
1000
Tape and reel
Table 9. Revision history
Date
Revision
Changes
Jul-2003
5B
Last update.
19-Jun-2006
6
Reformatted to current standard. Added ECOPACK statement.
Added TO220FPAB.
23-Apr-2015
7
Updated D²PAK and reformatted to current standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com