Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

501 Fiches technique(PDF) 15 Page - Arm Limited (or its affiliates).

No de pièce 501
Description  User-Based Licensing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ARM [Arm Limited (or its affiliates).]
Site Internet  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

501 Fiches technique(HTML) 15 Page - Arm Limited (or its affiliates).

Back Button 501 Datasheet HTML 11Page - Arm Limited (or its affiliates). 501 Datasheet HTML 12Page - Arm Limited (or its affiliates). 501 Datasheet HTML 13Page - Arm Limited (or its affiliates). 501 Datasheet HTML 14Page - Arm Limited (or its affiliates). 501 Datasheet HTML 15Page - Arm Limited (or its affiliates). 501 Datasheet HTML 16Page - Arm Limited (or its affiliates). 501 Datasheet HTML 17Page - Arm Limited (or its affiliates). 501 Datasheet HTML 18Page - Arm Limited (or its affiliates). 501 Datasheet HTML 19Page - Arm Limited (or its affiliates).  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
User-Based Licensing User Guide
Document ID: 102516_1.1_00_en
Version 1.1
Using user-based licensing
3.4 Deactivate your product
Deactivating a product removes the license for your Arm® software product from a device.
About this task
Deactivating is required when you want to activate a different product with overlapping
capabilities, for example when upgrading from an evaluation to a full product. Deactivating might
also be required to investigate license configuration issues.
• There is no need to deactivate your product when using your Arm product on a
different device. The license is associated with the user and not the devices the
license is used on.
• Deactivating a license is an activity local to your device. It does not affect the
reservation of the corresponding license seat on the license server.
Procedure
You can deactivate your license using an activation code or the product code:
◦ Deactivate an activation code license using the following command:
armlm deactivate --code <activation_code>
◦ Deactivate a license server license using the following product code:
armlm deactivate --product <product_code>
You can find your product code using the armlm inspect command.
Copyright © 2022 Arm Limited (or its affiliates). All rights reserved.
Non-Confidential
Page
15 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19