Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

301 Fiches technique(PDF) 13 Page - Arm Limited (or its affiliates).

No de pièce 301
Description  User-Based Licensing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ARM [Arm Limited (or its affiliates).]
Site Internet  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

301 Fiches technique(HTML) 13 Page - Arm Limited (or its affiliates).

Back Button 301 Datasheet HTML 9Page - Arm Limited (or its affiliates). 301 Datasheet HTML 10Page - Arm Limited (or its affiliates). 301 Datasheet HTML 11Page - Arm Limited (or its affiliates). 301 Datasheet HTML 12Page - Arm Limited (or its affiliates). 301 Datasheet HTML 13Page - Arm Limited (or its affiliates). 301 Datasheet HTML 14Page - Arm Limited (or its affiliates). 301 Datasheet HTML 15Page - Arm Limited (or its affiliates). 301 Datasheet HTML 16Page - Arm Limited (or its affiliates). 301 Datasheet HTML 17Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
User-Based Licensing User Guide
Document ID: 102516_1.1_00_en
Version 1.1
Using user-based licensing
3.2 Activate your product using an activation code
To enable your Arm® software product to work with your user-based product entitlement, you
must activate your product. This topic describe how to activate your product using a product code.
Before you begin
• Install your Arm product.
• For each end-user and service account, Arm or your license administrator provides you with an
activation code. An activation code is a sequence of letters and digits that have the following
pattern, where X represents any letter or digit:
XXXXXXXX-XXXX-XXXX-XXXX-XXXXXXXXXXXX
An activation code is not associated with any user or service account until its first use in the
product activation process.
About this task
• You can activate a product on multiple devices with the same activation code using the same
username.
• Sharing the same username for more than one user is not permitted by your license agreement.
For details of activation using a license server see Activate your product using a license server and
for details of how to activate an offline device using an activation code see Activate your product if
your device is offline.
Procedure
Run the following command to activate a product using a code:
armlm activate --code <activation_code>
If by error, you activated the license with an incorrect username, contact your
license administrator to revoke the activation code and generate a new one.
Next steps
After activation, the license is bound to the username of the end-user or service account for a
maximum of 30 days. Any time you use the Arm product that supports user-based licensing on
the same device, the software attempts to extend the license for the next 30 days by contacting
the licensing URLs (for details see Network requirements for user-based licensing). If the license
cannot be extended, for example there is no connection to the URLs, the product can still be used
as licensed until the 30-day limit expires.
Copyright © 2022 Arm Limited (or its affiliates). All rights reserved.
Non-Confidential
Page
13 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19