Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6450 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce L6450
Description  28 CHANNEL INK JET DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6450 Fiches technique(HTML) 5 Page - STMicroelectronics

  L6450 Datasheet HTML 1Page - STMicroelectronics L6450 Datasheet HTML 2Page - STMicroelectronics L6450 Datasheet HTML 3Page - STMicroelectronics L6450 Datasheet HTML 4Page - STMicroelectronics L6450 Datasheet HTML 5Page - STMicroelectronics L6450 Datasheet HTML 6Page - STMicroelectronics L6450 Datasheet HTML 7Page - STMicroelectronics L6450 Datasheet HTML 8Page - STMicroelectronics L6450 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
OUTPUT SELECTION
1)Decoder Truth Table when the BENCH =
HIGH;
IND/COM3 = is selected as input decoder ind;
COM1 = a low input enable the OUT0 to
OUT13;
COM2 = A Low Input Enable the OUT14 to
OUT27
IND
INC
INB
INA
(LSB)
OUTPUTS
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0.27
1.26
2.25
3.24
4.23
5.22
6.21
7.20
8.19
9.18
10.17
11.16
12.15
13.14
ALL OFF
ALL OFF
2)Decoder Truth Table when the BENCH =
LOW;
IND/COM3 = is selected as COM3
COM1: A Low Input Enable the OUT0 to
OUT6
COM2: A Low Input Enable the OUT7 to
OUT13
COM3: A Low Input Enable the OUT14 to
OUT20
COM4: A Low Input Enable the OUT21 to
OUT27
INC
INB
INA
(LSB)
OUTPUTS
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0, 7,27, 20
1, 8, 26, 19
2, 9, 25, 18
3, 10, 24, 17
4, 11, 23, 16
5, 12, 22, 15
6, 13, 21, 14
ALL OFF
Figure 1: Timing Waveforms
L6450
5/9



Html Pages

1 2 3 4 5 6 7 8 9