Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MS6-LFR-1/2-D7-E-R-M-RG Fiches technique(PDF) 2 Page - Festo Corporation.

No de pièce MS6-LFR-1/2-D7-E-R-M-RG
Description  Filter regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FESTO [Festo Corporation.]
Site Internet  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

MS6-LFR-1/2-D7-E-R-M-RG Fiches technique(HTML) 2 Page - Festo Corporation.

  MS6-LFR-1/2-D7-E-R-M-RG Datasheet HTML 1Page - Festo Corporation. MS6-LFR-1/2-D7-E-R-M-RG Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Note on materials
RoHS-compliant
Material of operator panel
PA
POM
Seals material
NBR
Compressed air filter material
PE
Housing material
Die-cast aluminum
Diaphragm material
NBR
Material of bowl
PC
Separating disc material
POM
1/27/26 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2