Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLC001 Fiches technique(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce CLC001
Description  Serial Digital Cable Driver with Adjustable Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC001 Fiches technique(HTML) 8 Page - National Semiconductor (TI)

Back Button CLC001_06 Datasheet HTML 3Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 4Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 5Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 6Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 7Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 8Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 9Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 10Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Device Operation (Continued)
Figure 7 shows an AC-coupled, twisted pair cable applica-
tion. It implements a center tap capacitance termination
used in conjunction with two 50
Ω resistors to filter common
mode noise. R
BB set at 5k
Ω provides 1.25V of DC bias to
each input.
PECL or LVPECL drivers may be interfaced to the CLC001
as shown in Figure 8. The voltage divider network will reduce
the PECL output to the proper levels. For LVPECL, the 100
Ω
series resistors should be removed, since the common
mode range inputs of the CLC001 are wide enough to accept
LVPECL levels directly. No external DC biasing is required
for PECL/LVPECL connections.
10132907
FIGURE 7. Twisted Pair Cable, AC-coupled
10132908
FIGURE 8. PECL, DC-coupled
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11