| Moteur de recherche de fiches techniques de composants électroniques |
|
PCI11010C Fiches technique(PDF) 44 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PCI11010C Fiches technique(HTML) 44 Page - Microchip Technology |
|
44 / 46 page ![]() 2025 Microchip Technology Inc. and its subsidiaries DS00006232A-page 44 PCI11010C PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Pin 1 orientation is in quadrant 1, as detailed in the direction of unreeling diagram below. Device: PCI11010C= PCIe Switch with Ethernet MAC, Prog. I/O Tape and Reel Option: Blank = Standard packaging (tray) T = Tape and Reel (Note 1) Temperature Range: Blank = 0C to +70C (Commercial) I = -40C to +85C (Industrial/Automotive Grade 3) V = -40C to +105C (Automotive Grade 2) Package: ZVX = 100-pin VQFN Automotive Code: Vxx = 3 character code with “V” prefix, specifying automotive product. Examples: a) PCI11010C/ZVX Tray, 0C to +70C (Commercial), 100-pin VQFN b) PCI11010CT/ZVX Tape & reel, 0C to +70C (Commercial), 100-pin VQFN c) PCI11010C-I/ZVX Tray, -40C to +85C (Industrial), 100-pin VQFN d) PCI11010CT-I/ZVX Tape & reel, -40C to +85C (Industrial), 100-pin VQFN e) PCI11010C-I/ZVXVAO Tray, -40C to +85C (Automotive Grade 3), 100-pin VQFN f) PCI11010CT-I/ZVXVAO Tape & reel, -40C to +85C (Automotive Grade 3), 100-pin VQFN g) PCI11010C-V/ZVXVAO Tray, -40C to +105C (Automotive Grade 2), 100-pin VQFN h) PCI11010CT-V/ZVXVAO Tape & reel, -40C to +105C (Automotive Grade 2), 100-pin VQFN Note 1: Tape and Reel identifier only appears in the catalog part number description. This identi- fier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. PART NO. Device Tape and Reel Option / Temperature Range XXX [X](1) X - Package XXX Automotive Code |