Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSMCGLCE6.5A Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce MSMCGLCE6.5A
Description  1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSMCGLCE6.5A Fiches technique(HTML) 5 Page - Microchip Technology

  MSMCGLCE6.5A Datasheet HTML 1Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 2Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 3Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 4Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 5Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 6Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 7Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 8Page - Microchip Technology MSMCGLCE6.5A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MSMCGLCE6.5A – MXLSMCGLCE170Ae3, MSMCJLCE6.5A – MXLSMCJLCE170Ae3
Electrical Characteristics
 Data Sheet
© 2013-2026 Microchip Technology Inc. and its subsidiaries
DS00005170C - 5
3.
Electrical Characteristics
Table 3-1. Electrical Characteristics at 25 °C Unless Otherwise Stated
Part Number
Working
Standoff
Voltage
VWM
Volts
Breakdown Voltage
V(BR) at I(BR)
Volts
Maximum
Standby
Current
at VWM
ID
μA
Maximum
Clamping
Voltage
at IPP
VC
Volts
Maximum
Peak Pulse
Current IPP
at 10/1000
Amps
Working
Inverse
Blocking
Voltage
VWIB
Volts
Peak
Inverse
Blocking
Voltage
VPIB
Volts
Min.
Max.
mA
MSMCxLCE6.5A
MSMCxLCE7.0A
6.5
7.0
7.22
7.78
7.98
8.60
10
10
1000
500
11.2
12.0
100
100
75
75
100
100
MSMCxLCE7.5A
MSMCxLCE8.0A
7.5
8.0
8.33
8.89
9.2
9.83
10
1
250
100
12.9
13.6
100
100
75
75
100
100
MSMCxLCE8.5A
MSMCxLCE9.0A
8.5
9.0
9.44
10.0
10.4
11.1
1
1
50
10
14.4
15.4
100
97
75
75
100
100
MSMCxLCE10A
MSMCxLCE11A
10
11
11.1
12.2
12.3
13.5
1
1
5
5
17.0
18.2
88
82
75
75
100
100
MSMCxLCE12A
MSMCxLCE13A
12
13
13.3
14.4
14.7
15.9
1
1
5
5
19.9
21.5
75
70
75
75
100
100
MSMCxLCE14A
MSMCxLCE15A
14
15
15.6
16.7
17.2
18.5
1
1
5
5
23.2
24.4
65
61
75
75
100
100
MSMCxLCE16A
MSMCxLCE17A
16
17
17.8
18.9
19.7
20.9
1
1
5
5
26.0
27.6
57
54
75
75
100
100
MSMCxLCE18A
MSMCxLCE20A
18
20
20.0
22.2
22.1
24.5
1
1
5
5
29.2
32.4
51
46
75
75
100
100
MSMCxLCE22A
MSMCxLCE24A
22
24
24.4
26.7
26.9
29.5
1
1
5
5
35.5
38.9
42
39
75
75
100
100
MSMCxLCE26A
MSMCxLCE28A
26
28
28.9
31.1
31.9
34.4
1
1
5
5
42.1
45.5
36
33
75
75
100
100
MSMCxLCE30A
MSMCxLCE33A
30
33
33.3
36.7
36.8
40.6
1
1
5
5
48.4
53.3
31
28.1
75
75
100
100
MSMCxLCE36A
MSMCxLCE40A
36
40
40.0
44.4
44.2
49.1
1
1
5
5
58.1
64.5
25.8
23.3
75
75
100
100
MSMCxLCE43A
MSMCxLCE45A
43
45
47.8
50.0
52.8
55.3
1
1
5
5
69.4
72.7
21.6
20.6
150
150
200
200
MSMCxLCE48A
MSMCxLCE51A
48
51
53.3
56.7
58.9
62.7
1
1
5
5
77.4
82.4
19.4
18.2
150
150
200
200
MSMCxLCE54A
MSMCxLCE58A
54
58
60.0
64.4
66.3
71.2
1
1
5
5
87.1
93.6
17.2
16.0
150
150
200
200
MSMCxLCE60A
MSMCxLCE64A
60
64
66.7
71.1
73.7
78.6
1
1
5
5
96.8
103
15.5
14.6
150
150
200
200
MSMCxLCE70A
MSMCxLCE75A
70
75
77.8
83.3
85.0
92.1
1
1
5
5
113
121
13.3
12.4
150
150
200
200
MSMCxLCE80A
MSMCxLCE90A
80
90
88.7
100
98.0
111
1
1
5
5
129
146
11.6
10.3
150
300
200
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13